PART |
Description |
Maker |
SD05C |
USB 2.0 power and data line
|
Shanghai Leiditech Elec...
|
NCN9252 |
DP3T Data Switch, USB 2.0 High Speed (480 Mbps), USB/UART/Data Multiplexing
|
ON Semiconductor
|
DM74157 DM74157N |
Quad 2-line 1-line data selecors/multiplexer TTL/H/L SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDIP16 11.3 Gbps Differential VCSEL Driver 20-QFN Quad 2-Line to 1-Line Data Selectors/Multiplexer
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
0805USB-172ML 0805USB-262ML 0805USB-372ML 0805USB- |
USB 2.0 Common Mode Choke Common mode filter, USB/IEEE 1394, SMT, RoHS 2 FUNCTIONS, 0.5 A, DATA LINE FILTER Common mode filter, USB/IEEE 1394, SMT, RoHS 2 FUNCTIONS, 0.4 A, DATA LINE FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc. COILCRAFT INC
|
SMDA12C |
USB 2.0 power and data line
|
Shanghai Leiditech Elec...
|
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
CY7C65620 |
EZ-USB HX2LP Low-Power USB 2.0 Hub Controller Family(EZ-USB HX2LP,低功率 USB 2.0 Hub控制器系 EZ - USB HX2LP低功率USB 2.0集线器控制器家族(的EZ - USB HX2LP,低功率USB 2.0集线器控制器系列
|
Cypress Semiconductor Corp.
|
STF202-2204 STF202-30.TCT STF202-22.TC STF202-22.T |
USB Upstream Port Filter and TVS 2 FUNCTIONS, 5.25 V, DATA LINE FILTER
|
Semtech Corporation
|
422B 422E |
Max voltage:24V; 200mA; data processing data line protector. For data processing equipment, long line transmission systems, control processing computers, building managenent systems
|
Protek Devices
|
TTDLF-10000L TTDLF-2000L TTDLF-2500L TTDLF-3000L T |
SMT Data Line EMI Filters 2 FUNCTIONS, 0.1 A, DATA LINE FILTER
|
Coilcraft lnc. COILCRAFT INC
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
AT89C5131A AT89C5130A-M AT89C5131A-L AT89C5131A-M |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Low Voltage Range Power Supply: 3.0V to ... USB C51-based Microcontroller with 16K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB Microcontrollers
|
ATMEL[ATMEL Corporation]
|